| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63CII7TR Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63CII7TR Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 185 page ![]() DS14736 Rev 1 35/185 STM32WBA6xxx Functional overview 69 By default, the microcontroller is in Run mode after a system or a power on reset. It is up to the user to select one of the low-power modes described below: • Sleep mode In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can wake up the CPU when an interrupt or event occurs. • Stop 0 and Stop 1 modes Stop modes achieve the lowest power consumption while retaining the content of SRAM and registers. All clocks in the VCORE domain are stopped, the PLL, the HSI16, and the HSE32 crystal oscillators are disabled. The LSE or LSI is still running. The RTC, TAMP, IWDG and SLEEP_TIMER can remain active. Some peripherals are autonomous and can operate in Stop modes by requesting their kernel clock and their bus clock when needed, to transfer data with DMA Stop 0 modes will be entered. Refer to PWR background autonomous mode (BAM) for more details. In Stop modes the bus clocks when requested use HSI16. Stop 0 offer the largest number of active peripherals, with or without DMA, and wake-up sources, a smaller wake-up time but a higher consumption than Stop 1. In Stop 0 mode, the main regulator remains ON, allowing a very fast wake-up time, but with higher power consumption. Stop 1 is the lowest power mode with full retention, but the functional peripherals and sources of wake-up are reduced. The BOR can be configured in ultra-low-power mode to further reduce consumption during Stop 1 mode. The system clock when exiting from Stop 0 or Stop 1 modes is HSI16. • Stop 2 mode Stop mode achieves the lowest power consumption while retaining the content of SRAM and some registers. All clocks in the VCORE domain are stopped, the PLL, the HSI16, and the HSE32 crystal oscillators are disabled. The LSE or LSI is still running. The RTC, TAMP, IWDG and SLEEP_TIMER can remain active. A reduced set of peripherals are autonomous and can operate in Stop 2 mode by requesting their kernel clock and their bus clock when needed. Refer to PWR background autonomous mode (BAM) for more details. Stop 2 is the lowest power mode with partial retention, but the functional peripherals and sources of wake-up are reduced. The BOR can be configured in ultra-low-power mode to further reduce power consumption during Stop 2 mode. The system clock when exiting from Stop 2 modes is HSI16. |