Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII7TR Datasheet(PDF) 82 Page - STMicroelectronics

No. de pieza STM32WBA63CII7TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII7TR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32WBA63CII7TR Datasheet HTML 78Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 79Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 80Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 81Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 82Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 83Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 84Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 85Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 185 page
background image
-
-
-
34
T3
T3
G8
G8
PE2
I/O FT_ha
-
TRACED1, TIM3_ETR, SAI1_CK1, TSC_G7_IO2,
SAI1_MCLK_A, EVENTOUT
-
-
-
-
35
R2
R2
F7
F7
PE1
I/O FT_ha
-
TRACED0, TSC_G7_IO3, TIM17_CH1, EVENTOUT
-
-
-
-
36
P3
P3
E6
E6
PE0
I/O FT_ha
-
TRACECLK, TSC_G7_IO4, TIM4_ETR,
TIM16_CH1, EVENTOUT
-
-
-
-
37
N4
N4
H10 H10
PD14
I/O
FT_h
-
TRACED3, TIM4_CH3, EVENTOUT
-
-
-
-
-
P1
P1
G10 G10
VSS
S
-
-
-
-
--
-
38
T1
T1
G11
G11
VDD
S
-
-
-
-
24
24
24
39
M5
M5
H11
H11
PB3
(JTDO/TRACES
WO)
I/O
FT_fa
-
JTDO/TRACESWO, TIM1_CH4, LPTIM1_IN2,
USART2_CK, I2C1_SDA, SPI1_MISO,
TSC_G3_IO2, PTA_ACTIVE, TIM17_CH1N,
EVENTOUT
-
25
25
25
40
N2
N2
H9
H9
PA15
(JTDI)
I/O
FT_fa
(1)
JTDI, TIM1_ETR, LPTIM1_CH2, USART2_RTS_DE,
I2C1_SCL, SPI1_MOSI, USART3_RTS_DE,
TSC_G3_IO3, PTA_STATUS, TIM17_BKIN,
EVENTOUT
-
26
26
26
41
M3
M3
D7
D7
PA14
(JTCK/SWCLK)
I/O
FT
(1)
JTCK/SWCLK, USART2_TX, I2C4_SMBA,
OTG_SOF/PTA_STATUS, COMP2_OUT,
EVENTOUT
TAMP_IN3/TAMP_OUT6
27
27
27
42
L4
L4
D9
D9
PA13
(JTMS/SWDIO)
I/O
FT
(1)
JTMS/SWDIO, IR_OUT, PTA_PRIORITY,
EVENTOUT
-
28
28
28
43
K3
K3
G9
G9
PA12
I/O
FT_a
-
TIM1_CH2, USART2_TX, SPI1_NSS, TSC_G3_IO4,
PTA_STATUS, RF_ANTSW0, COMP2_OUT,
EVENTOUT
WKUP6
29
29
29
44
L2
L2
F9
F9
PA11.
I/O
FT
-
TIM1_CH1, USART2_RX, RF_ANTSW1,
LPTIM2_CH1, EVENTOUT
-
Table 23. Device pin definitions (continued)
Pin number
Name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More