| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA63CII7TR Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA63CII7TR Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 185 page ![]() Table 9. Operating modes overview Mode Regulator(1) CPU Flash memory SRAM Clocks DMA and peripherals(2) Wake-up source Run Range 1 Yes ON(3) ON Any All N/A Range 2 All except USB OTG and 2.4 GHz RADIO Sleep Range 1 No ON ON(4) Any All Any interrupt or event Range 2 All except USB OTG and 2.4 GHz RADIO Stop 0 Range 1 No OFF ON(5) LSE LSI(6) BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER, ADC4(7) (temperature sensor), COMPx (x = 1, 2), USARTx (x = 1..3)(8), LPUART1, SPIx (x = 1..3)(9), I2Cx (x = 1..4)(10), LPTIMx (x = 1, 2)(11), GPIO, GPDMA1(12), 2.4 GHz RADIO All other peripherals are frozen. Reset pin, all I/Os, BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER, ADC4 (temperature sensor), COMPx (x = 1, 2), USARTx (x = 1..3), LPUART1, SPIx (x = 1..3), I2Cx (x = 1..4), LPTIMx (x = 1, 2), GPDMA1, 2.4 GHz RADIO Range 2 All from Stop 0 Range 1 except USB OTG and 2.4 GHz RADIO Stop 1(13) LPR No OFF ON(5) LSE LSI BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER, ADC4 (temperature sensor), COMPx (x = 1, 2), USARTx (x = 1..3), LPUART1, SPIx (x = 1..3), I2Cx (x = 1..4), LPTIMx (x = 1, 2), GPIO All other peripherals are frozen. Reset pin, all I/Os, BOR, PVD, RTC, TAMP, IWDG, SLEEP_TIMER, ADC4 (temperature sensor), COMPx (x = 1, 2), USARTx (x = 1..3), LPUART1, SPIx (x = 1..3), I2Cx (x = 1..4), LPTIMx (x = 1, 2) |