Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII7TR Datasheet(PDF) 46 Page - STMicroelectronics

No. de pieza STM32WBA63CII7TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII7TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32WBA63CII7TR Datasheet HTML 42Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 43Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 44Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 45Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 46Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 47Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 48Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 49Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 185 page
background image
Functional overview
STM32WBA6xxx
46/185
DS14736 Rev 1
3.18
Interrupts and events
3.18.1
Nested vectored interrupt controller (NVIC)
The devices embed a nested vectored interrupt controller (NVIC) that is able to manage 16
priority levels and to handle up to 70 maskable interrupt vectors plus the 16 interrupt vectors
of the Cortex-M33.
The NVIC benefits are the following:
•
closely coupled NVIC giving low-latency interrupt processing
•
interrupt entry vector table address passed directly to the core
•
early processing of interrupts
•
processing of late arriving higher priority interrupts
•
support for tail chaining
•
processor state automatically saved
•
interrupt entry restored on interrupt exit with no instruction overhead
•
TrustZone support: NVIC registers banked across secure and nonsecure states
The NVIC hardware block provides flexible interrupt management features with minimal
interrupt latency.
3.18.2
Extended interrupt/event controller (EXTI)
The extended interrupts and event controller (EXTI) manages the individual CPU and
system wake-up through configurable event inputs. It provides wake-up requests to the
Table 11. GPDMA1 channels implementation and usage
Channel x
Hardware parameters
Features
dma_fifo_
size[x]
dma_
addressing[x]
x = 0 to 5
2
0
Channel x is implemented with:
– a FIFO of 8 bytes, 2 words
– fixed/contiguously incremented addressing
These channels may be also used for GPDMA transfers,
between an APB or AHB peripheral and SRAM.
x = 6 to 7
4
0
Channel x is implemented with:
– a FIFO of 32 bytes, 8 words
– fixed/contiguously incremented addressing
These channels may be also used for GPDMA transfers,
between a demanding AHB or APB peripheral and
SRAM.
Table 12. GPDMA1 autonomous mode and wake-up in low-power modes
Feature
Low-power modes
Autonomous mode and wake-up
Sleep, Stop 0 modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More