Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CII7TR Datasheet(PDF) 81 Page - STMicroelectronics

No. de pieza STM32WBA63CII7TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA63CII7TR Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32WBA63CII7TR Datasheet HTML 77Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 78Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 79Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 80Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 81Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 82Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 83Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 84Page - STMicroelectronics STM32WBA63CII7TR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 185 page
background image
-
-
-
-
-
-
J8
J8
PG3
I/O FT_hs
-
SPI1_MISO, SAI1_FS_B, EVENTOUT
-
-
-
-
-
-
-
K8
K8
PG2
I/O FT_hs
-
SPI1_SCK, SAI1_SCK_B, EVENTOUT
-
-
-
-
-
L6
L6
J3
J3
VSS
S
-
-
-
-
21
18
21
30
U6
U6
L9
L9
PC13
I/O
FT_a
-
TIM1_BKIN2, TSC_G5_IO1, EVENTOUT
WKUP2, RTC_TS/
RTC_OUT1,
TAMP_IN4/TAMP_OUT5
-
19
-
-
T5
T5
K9
K9
PB7
I/O
FT_a
-
TIM1_CH4N, TSC_G5_IO2, TIM4_CH2,
SAI1_SD_B, EVENTOUT
WKUP5,
TAMP_IN5/TAMP_OUT4
-
-
-
-
-
-
H8
H8
PE6
I/O
FT
-
TIM3_CH4, SAI1_D1, SAI1_SD_A, EVENTOUT
-
-
20
-
-
U4
U4
L10
L10
PB6
I/O
FT_a
-
TIM2_CH1, TIM2_ETR, TSC_G5_IO3, TIM4_CH1,
SAI1_SCK_B, EVENTOUT
WKUP3
-
-
-
-
-
-
J9
J9
PE5
I/O
FT
-
TIM3_CH3, SAI1_CK2, SAI1_SCK_A, EVENTOUT
-
-
21
-
-
P5
P5
L11
L11
PB5
I/O
FT_a
-
TIM3_CH1, SAI1_D2, LPUART1_TX, TSC_G5_IO4,
SAI1_FS_B, EVENTOUT
-
-
-
-
-
-
-
K10
K10
PE4
I/O
FT
-
TIM3_CH2, SAI1_D2, SAI1_FS_A, EVENTOUT
-
22
22
22
31
-
-
K11
K11
VDD
S
-
-
-
-
-
-
-
-
K5
K5
J11
J11
VSS
S
-
-
-
-
23
23
23
32
R4
R4
J10
J10
PB4(NJRST)
I/O
FT_a
(1)
NJTRST, TIM1_CH3, LPTIM2_IN2, USART2_RX,
SPI1_SCK, TSC_G3_IO1, PTA_PRIORITY,
PTA_ACTIVE, SAI1_MCLK_B, TIM17_CH1,
EVENTOUT
-
-
-
-
33
U2
U2
F6
F6
PE3
I/O FT_ha
-
TRACED2, TIM3_CH1, TSC_G7_IO1, SAI1_SD_B,
EVENTOUT
-
Table 23. Device pin definitions (continued)
Pin number
Name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More