| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZIOL2201 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2201 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 42 April 26, 2016 Reg.-Name Addr. Bit-Field Bit Reset- Value r/w Comment Reference 17 MON_RST_COM_HS 2 0 w/pulse Reset Channel1 OVL-HS-Counter 17 MON_RST_COM_LS 1 0 w/pulse Reset Channel1 OVL-LS-Counter 17 MON_RST_OVT 0 0 w/pulse Reset OVT Counter IRQ_STATUS 18 7:0 0 r/rst Interrupt-Status Figure 3.14 18 IRQ_POWER_FAIL 7 0 r/rst POWER_FAIL interrupt request Added in Rev B 18 IRQ_WURQ 6 0 r/rst wake-up request 18 IRQ_VALID_FLAG_ERR 5 0 r/rst Valid-flag error occurred 18 IRQ_EEPROM_ERR 4 0 r/rst Single error has been corrected 18 IRQ_EEPROM2_ERR 3 0 r/rst Multiple bit error occurred 18 IRQ_LOCK_AUX 2 0 r/rst over-load lock of AUX line driver 18 IRQ_LOCK_COM 1 0 r/rst over-load lock of COM line driver 18 IRQ_LOCK_OVT 0 0 r/rst over-temperature LOCK of both line drivers, AUX and COM MON_DEVICE_TEMP 19 3:0 0 r Device Temperature MON_STAT 20 7:0 0 r 20 MON_AUX_LOCK 7 0 r Lock on AUX due to AUX-Overload 20 MON_COM_LOCK 6 0 r Lock on COM due to COM-Overload |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |