| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZIOL2201 Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2201 Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 72 April 26, 2016 6.2.2. Pin Diagram Table 6.4 shows the standard Pin configuration of the ZIOL2401 in Wafer-Level Chip Scale Package (WL-CSP). As mentioned under paragraph 6.2.1 the pin connection depends on the derivative of the ZIOL2xxx family. Figure 6.4 Package Dimensions 1 2 3 4 5 6 F E D C B A Top View Table 6.4 Bump Pin Configuration 1 2 3 4 5 6 A AUX_O AUX_I VDD SW DC_RDY FB A B VSS AUX_O VDD RST_L AUX_EN B C LR_IN VSS VSS VSS AUX_TX AUX_RX C D PFD VSS VSS VSS TX_EN/SPI_CLK VSS D E VSS COM_O VDD WURQ_L RX/MISO TX/MOSI E F COM_O COM_I VDD LR_OUT INT_L SPI_EN_L F 1 2 3 4 5 6 6.2.3. Optimal PCB Layout In order to obtain optimal heat distribution (minimized thermal resistance between package and board) certain PCB layout rules shall be applied. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |