| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DIO7290B Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO7290B Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD |
|
11 / 15 page ![]() DIO7290B, V1.2, May 2023 www.dioo.com © 2023 DIOO MICROCIRCUITS CO., LTD. 8 ON (Control Input) VIN to VOUT VOUT to GND L OFF ON H ON OFF 10.Application Information Figure 3. Powering a downstream module Note: 3. Switched mode power supply. 10.1. Input capacitor When the switch turns on into a discharged load capacitor or short-circuit, a capacitor needs to be placed between VIN and GND to limit the voltage drop on the input supply caused by transient in-rush currents. A 1 μF ceramic capacitor, CIN, place close to the pins is usually sufficient. CIN’s higher values can be used to further reduce the voltage drop during high current application. It is recommended to have an input capacitor approximately 10 times higher than the output capacitor to avoid excessive voltage drop when switching heavy loads. 10.2. Output capacitor A CIN greater than CL is highly recommended when the integral body diode in the PMOS switch. When the system supply is removed, a CL greater than CIN can cause VOUT to exceed VIN. This could result in current flow through the body diode from VOUT to VIN. 10.3. Design requirements Table 2 lists the design parameters for the DIO7290B device. Table 2. Design Parameters |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |