Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7290B Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7290B
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7290B Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7290B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7290B Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DIO7290B, V1.2, May 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
9
Design Parameter
Example Value
VIN
1.8 V
Load current
0.3 A
Ambient temperature
25°C
10.4. Detailed design procedure
The voltage drop from VIN to VOUT is determined by the ON-resistance of the device and the load current.
The RON can be found in Electrical Characteristics and is dependent on temperature. When the value of RON
is found, Equation 1 can be used to calculate the voltage drop across the device:
ΔV = ILOAD × RON
(1)
Where
ΔV = Voltage drop across the device
ILOAD = Load current
RON = ON-resistance of the device
At VIN = 1.8 V, the DIO7290B has a RON value of 85 mΩ. Using this value and the defined load current, the
above equation can be evaluated:
ΔV = 0.30 A × 58 mΩ
(2)
Where, ΔV = 25.5 mV. Therefore, the voltage drop across the device will be 25.5 mV.
11.Power Supply Recommendations
The DIO7290B is designed to operate with a VIN range of 1.2 V to 5.5 V. This supply must be well regulated
and placed as close to the device terminals as possible. It must also be able to withstand all transient and
load currents, using a recommended input capacitance of 1 μF if necessary. If the supply is more than a
few inches from the device terminals, additional bulk capacitance may be required in addition to the
ceramic bypass capacitors. If additional bulk capacitance is required, an electrolytic, tantalum, or ceramic
capacitor of 10 μF may be sufficient.
12.Layout
All traces should be as short as possible for best performance. To be most effective, the input and output
capacitors should be placed close to the DIO7290B to minimize the effects that parasitic trace inductances
may have on normal and short circuit operation. Using wide traces for VIN, VOUT, and GND helps minimize
the parasitic electrical effects along with minimizing the case to ambient thermal impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com