Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 333 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 329Page - Renesas Technology Corp H8S/20223 Datasheet HTML 330Page - Renesas Technology Corp H8S/20223 Datasheet HTML 331Page - Renesas Technology Corp H8S/20223 Datasheet HTML 332Page - Renesas Technology Corp H8S/20223 Datasheet HTML 333Page - Renesas Technology Corp H8S/20223 Datasheet HTML 334Page - Renesas Technology Corp H8S/20223 Datasheet HTML 335Page - Renesas Technology Corp H8S/20223 Datasheet HTML 336Page - Renesas Technology Corp H8S/20223 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 307 of 962
REJ09B0465-0100
10.7.4
Port Pull-Up Control Register 9 (PUCR9)
b7
PUCR97
0
b6
PUCR96
0
b5
PUCR95
0
b4
PUCR94
0
b3
PUCR93
0
b2
PUCR92
0
b1
PUCR91
0
b0
PUCR90
0
H'FF0018
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PUCR97
Port 97 pull-up
control
R/W
6
PUCR96
Port 96 pull-up
control
R/W
5
PUCR95
Port 95 pull-up
control
R/W
4
PUCR94
Port 94 pull-up
control
R/W
3
PUCR93
Port 93 pull-up
control
R/W
2
PUCR92
Port 92 pull-up
control
R/W
1
PUCR91
Port 91 pull-up
control
R/W
0
PUCR90
Port 90 pull-up
control
0: The pull-up MOS of corresponding pin is
disabled.
1: The pull-up MOS of corresponding pin is
enabled.
PUCR9 is a register that controls the pull-up MOS
in bit units of the pins set as the input ports.
R/W
• PUCR97 bit to PUCR90 bit (port 97 to 90 pull-up control)
This function is valid only for the pin set as general input, and for the input pin with a function
selected by the PMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com