Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 335 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 331Page - Renesas Technology Corp H8S/20223 Datasheet HTML 332Page - Renesas Technology Corp H8S/20223 Datasheet HTML 333Page - Renesas Technology Corp H8S/20223 Datasheet HTML 334Page - Renesas Technology Corp H8S/20223 Datasheet HTML 335Page - Renesas Technology Corp H8S/20223 Datasheet HTML 336Page - Renesas Technology Corp H8S/20223 Datasheet HTML 337Page - Renesas Technology Corp H8S/20223 Datasheet HTML 338Page - Renesas Technology Corp H8S/20223 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 309 of 962
REJ09B0465-0100
10.8
Port A
Port A consists of general I/O pins that are also used as analog input pins for A/D converter unit 1
and unit 2 (only in the H8S/20223 group).
The functions of PA4 to PA7 can be selected with the peripheral function mapping register of the
PMC (except for the H8S/20223 group).
For selection of functions by the peripheral function mapping controller, see section 9, Peripheral
I/O Mapping Controller. Figure 10.8 shows the pin configuration of port A.
PA7/AN3_2
PA6/AN2_2
PA5/AN1_2
PA4/AN0_2
PA3/AN11
PA2/AN10
PA1/AN9
PA0/AN8
PA7
PA6
PA5
PA4
PA3/AN11
PA2/AN10
PA1/AN9
PA0/AN8
PA7
PA6
PA5
PA4
H8S/20223 group
H8S/20203 group
H8S/20103 group
Figure 10.8 Port A Pin Configuration
Port A has the following registers.
• Port mode register A (PMRA)
• Port control register A (PCRA)
• Port data register A (PDRA)
• Port pull-up control register A (PUCRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com