Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 336 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 332Page - Renesas Technology Corp H8S/20223 Datasheet HTML 333Page - Renesas Technology Corp H8S/20223 Datasheet HTML 334Page - Renesas Technology Corp H8S/20223 Datasheet HTML 335Page - Renesas Technology Corp H8S/20223 Datasheet HTML 336Page - Renesas Technology Corp H8S/20223 Datasheet HTML 337Page - Renesas Technology Corp H8S/20223 Datasheet HTML 338Page - Renesas Technology Corp H8S/20223 Datasheet HTML 339Page - Renesas Technology Corp H8S/20223 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 310 of 962
REJ09B0465-0100
• H8S/20103 group
10.8.1
Port Mode Register A (PMRA)
b7
PMRA7
0
b6
PMRA6
0
b5
PMRA5
0
b4
PMRA4
0
b3
0
b2
PMRA2
0
b1
0
b0
0
H'FF0009
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PMRA7
Port A7 mode
R/W
6
PMRA6
Port A6 mode
R/W
5
PMRA5
Port A5 mode
R/W
4
PMRA4
Port A4 mode
0: General I/O port
1: The function selected by the peripheral function
mapping controller (PMC).
PMRA is a register that selects the function of the
port A multiplexed pins: general I/O function or the
function selected by the PMC. PMRA also provides
the bit to select the function of the PB0 pin.
R/W
3
Reserved
This bit is read as 0. The write value should be 0.
2
PMRA2
Port A2 mode
0: General I/O port
1: AN0 input pin
R/W
1, 0
Reserved
These bits read as 0. The write value should be 0.
• PMRA7 bit to PMRA4 bit (port A7 to A4 mode)
These bits select the function of the multiplexed pins PA7 to PA4: general I/O function or the
function selected by the PMC.
• PMRA2 bit (port A2 mode)
This bit selects general I/O function or the analog input function for PB0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com