Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 367 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 363Page - Renesas Technology Corp H8S/20223 Datasheet HTML 364Page - Renesas Technology Corp H8S/20223 Datasheet HTML 365Page - Renesas Technology Corp H8S/20223 Datasheet HTML 366Page - Renesas Technology Corp H8S/20223 Datasheet HTML 367Page - Renesas Technology Corp H8S/20223 Datasheet HTML 368Page - Renesas Technology Corp H8S/20223 Datasheet HTML 369Page - Renesas Technology Corp H8S/20223 Datasheet HTML 370Page - Renesas Technology Corp H8S/20223 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 341 of 962
REJ09B0465-0100
11.2.8
DTC Vector Register (DTVECR)
b7
SWDTE
0
b6
DTVEC6
0
b5
DTVEC5
0
b4
DTVEC4
0
b3
DTVEC3
0
b2
DTVEC2
0
b1
DTVEC1
0
b0
DTVEC0
0
H'FF053D
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
SWDTE
DTC software
activation
enable
0: Disables the DTC activation by software.
1: Enables the DTC activation by software.
Setting this bit to 1 activates DTC. Only 1 can be
written to this bit.
[Clearing conditions]
• When the DISEL bit is 0 and the specified
number of data transfers has not ended.
• When 0 is written to the DISEL bit after a
software-activated data transfer end interrupt
(SWDTEND) request has been sent to the CPU.
When the DISEL bit is 1 and data transfer has ended
or when the specified number of data transfers has
ended, this bit will not be cleared.
R/W
6
DTVEC6
R/W
5
DTVEC5
R/W
4
DTVEC4
R/W
3
DTVEC3
R/W
2
DTVEC2
R/W
1
DTVEC1
R/W
0
DTVEC0
DTC software
activation
vector 6 to 0
These bits specify a vector number for DTC
activation by software.
These bits specify a vector number for DTC software
activation.
The vector address is expressed as H'0400 + (vector
number
× 2). For example, when DTVEC6 to
DTVEC0 = H'10, the vector address is H'0420.
When the bit SWDTE is 0, these bits can be written.
R/W
DTVECR enables or disables DTC activation by software, and sets a vector number for the
software activation interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com