Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 368 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 364Page - Renesas Technology Corp H8S/20223 Datasheet HTML 365Page - Renesas Technology Corp H8S/20223 Datasheet HTML 366Page - Renesas Technology Corp H8S/20223 Datasheet HTML 367Page - Renesas Technology Corp H8S/20223 Datasheet HTML 368Page - Renesas Technology Corp H8S/20223 Datasheet HTML 369Page - Renesas Technology Corp H8S/20223 Datasheet HTML 370Page - Renesas Technology Corp H8S/20223 Datasheet HTML 371Page - Renesas Technology Corp H8S/20223 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 342 of 962
REJ09B0465-0100
11.3
Activation Sources
The DTC operates when activated by an interrupt request or by a write to DTVECR by software.
An interrupt request can be designated by the DTCER bit. At the end of a data transfer (or the last
consecutive transfer in the case of chain transfer), the activation source interrupt flag or
corresponding bit to DTCER is cleared. For example, the activation source flag, in the case of
SCI3_1_RXI, is the RDRF flag of SCI3_1.
When an interrupt has been designated a DTC activation source, existing CPU mask level and
interrupt controller priorities have no effect. If there is more than one activation source at the same
time, the DTC operates in accordance with the default priorities for the interrupt sources.
Table 11.2 shows a relationship between activation sources and DTCER clear conditions. Figure
11.2 shows a block diagram of DTC activation source control. For details, see section 4, Interrupt
Controller.
Table 11.2
Relationship between Activation Sources and DTCER Clearing
Activation Source
DISEL = 0 and Specified
Number of Transfers Has
Not Ended
DISEL = 1 or Specified
Number of Transfers Has
Ended
Activation by software
SWDTE bit is cleared to 0
• SWDTE bit remains set to 1
• Interrupt request to CPU
Activation by an interrupt
• Corresponding DTCER bit
remains set to 1.
• Activation source flag is
cleared to 0.
• Corresponding DTCER bit is
cleared to 0.
• Activation source flag
remains set to 1.
• Interrupt that became the
activation source is
requested to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com