Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 370 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 366Page - Renesas Technology Corp H8S/20223 Datasheet HTML 367Page - Renesas Technology Corp H8S/20223 Datasheet HTML 368Page - Renesas Technology Corp H8S/20223 Datasheet HTML 369Page - Renesas Technology Corp H8S/20223 Datasheet HTML 370Page - Renesas Technology Corp H8S/20223 Datasheet HTML 371Page - Renesas Technology Corp H8S/20223 Datasheet HTML 372Page - Renesas Technology Corp H8S/20223 Datasheet HTML 373Page - Renesas Technology Corp H8S/20223 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 344 of 962
REJ09B0465-0100
11.4
Location of Register Information and DTC Vector Table
Locate the register information in the on-chip RAM. Register information should be located at the
address that is multiple of four. Locating the register information in address space is shown in
figure 11.3. Locate the MRA, SAR, MRB, DAR, CRA, and CRB registers, in that order, from the
start address of the register information. In the case of chain transfer, register information should
be located in consecutive areas as shown in figure 11.3 and the register information start address
should be located at the corresponding vector address to the activation source. Figure 11.4 shows
correspondences between the DTC vector address and register information. The DTC reads the
start address of the register information from the vector address set for each activation source, and
then reads the register information from that start address.
When the DTC is activated by software, the vector address is obtained from: H'0400 +
(DTVECR[6:0]
× 2). For example, if VOFR and DTVECR are H'0000 and H'18 respectively, the
vector address is H'0430.
The configuration of the vector address is a 2-byte unit. These two bytes specify the lower bits of
the start address. Variable vector addresses can be used by setting VOFR. For details on VOFR
settings, see section 4, Interrupt Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com