Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 433 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 429Page - Renesas Technology Corp H8S/20223 Datasheet HTML 430Page - Renesas Technology Corp H8S/20223 Datasheet HTML 431Page - Renesas Technology Corp H8S/20223 Datasheet HTML 432Page - Renesas Technology Corp H8S/20223 Datasheet HTML 433Page - Renesas Technology Corp H8S/20223 Datasheet HTML 434Page - Renesas Technology Corp H8S/20223 Datasheet HTML 435Page - Renesas Technology Corp H8S/20223 Datasheet HTML 436Page - Renesas Technology Corp H8S/20223 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 407 of 962
REJ09B0465-0100
13.3
Operation
13.3.1
Operations Common to Various Modes
(1) Starting and Stopping Operation
Writing the value 1 to the TSTART bit in TRACR starts counting in a set operating mode; writing
the value 0 to the TSTART bit stops the counting. The prescaler counts down in the counter clock
cycle to be input into the prescaler. The timer counts down using the underflow of the prescaler as
a count source.
(2) Forced Termination of Operation
Writing 1 to the TSTOP bit in TRACR stops the counting forcibly. When the counting is stopped,
the timer counter, the prescaler counter, and any associated flags are initialized while the reload
registers of the prescaler and the timer counter are retained.
(3) Interrupt Request
An interrupt request is generated on the underflow of the timer RA counter.
(4) Reading and Writing Count Value
Reading registers TRAPRE and TRATR reads count values from each register. If a write is
performed to TRAPRE or TRATR when the counting is stopped, a specified value is written to
both the reload register and the counter.
If a write is performed to the TRAPRE register during counting, first a set value is written to the
reload register in synchronization with the count source after four cycles of count source, and the
set value is then transferred to the prescaler counter in synchronization with the next count source.
If a write is performed to the TRATR register, a set value is written to the reload register in
synchronization with the underflow of the prescaler, and the set value is transferred to the timer
counter in synchronization the next underflow of the prescaler. For this reason, if a write is
performed to TRAPRE or TRATR during counting, the value of the counter is not updated
immediately after the execution of the write command. Figure 13.2 shows an example operation
where a count value is rewritten when the timer RA is counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com