Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 434 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 430Page - Renesas Technology Corp H8S/20223 Datasheet HTML 431Page - Renesas Technology Corp H8S/20223 Datasheet HTML 432Page - Renesas Technology Corp H8S/20223 Datasheet HTML 433Page - Renesas Technology Corp H8S/20223 Datasheet HTML 434Page - Renesas Technology Corp H8S/20223 Datasheet HTML 435Page - Renesas Technology Corp H8S/20223 Datasheet HTML 436Page - Renesas Technology Corp H8S/20223 Datasheet HTML 437Page - Renesas Technology Corp H8S/20223 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 408 of 962
REJ09B0465-0100
H'01
H'01
H'06
H'04
H'05
H'03
H'02
H'03
H'01
H'00
H'00
H'01
H'00
H'01
H'00
H'25
H'24
Count source
Reload register for
timer RA prescaler
Counter for
timer RA prescaler
Reload register
for timer RA
Timer RA counter
TRAIF in TRAIR "0"
Write H'01 to TRAPRE and
H'25 to TRATR by a program
After a write, reload register is written to
after four counts of count source.
Previous value
New value (H'01)
Previous value
New value (H'25)
Reloaded at the second underflow
IR bit does not change until an underflow occurs with
the new value.
Reload register is written to
at the first underflow after a write.
Reloaded at the
second count
source
Reloaded on
underflow
Figure 13.2 Rewriting Count Value When Timer RA Counting is in Progress
13.3.2
Timer Mode
This mode counts internal clocks as a count source. Setting the TMOD[2:0] bits in TRAMR to
B'000 activates the timer mode operation. A count source is selected in terms of the TCK[2:0] bits
in TRAMR.
13.3.3
Pulse Output Mode
This mode counts internal clocks as a count source, and toggle-outputs pulses from the TRAIO pin
each time the counter underflows. Setting the TMOD[2:0] bits in TRAMR to B'001 activates pulse
the output mode operation. A count source is selected using the TCK[2:0] bits in TRAMR. The
initial output value of the pin is set using the TEDGSEL bit in TRAIOC. By setting the TOENA
bit in TRAIOC, a reverse output can be output from the TRAO pin to the TRAIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com