Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 435 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 431Page - Renesas Technology Corp H8S/20223 Datasheet HTML 432Page - Renesas Technology Corp H8S/20223 Datasheet HTML 433Page - Renesas Technology Corp H8S/20223 Datasheet HTML 434Page - Renesas Technology Corp H8S/20223 Datasheet HTML 435Page - Renesas Technology Corp H8S/20223 Datasheet HTML 436Page - Renesas Technology Corp H8S/20223 Datasheet HTML 437Page - Renesas Technology Corp H8S/20223 Datasheet HTML 438Page - Renesas Technology Corp H8S/20223 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 409 of 962
REJ09B0465-0100
13.3.4
Event Counter Mode
This mode counts external events that are input from the TRAIO pin as a count source. Setting the
TMOD[2:0] bits in TRAMR to B'010 activates the event-counter mode operation. By setting the
TEDGSEL bit in TRAIOC, it is possible to specify whether counting is to be performed on the
rising or falling edge of an input event from the TRAIO pin. Also, by setting the TIOGT[1:0] bits
in TRAIOC, a function enables external event input when the IRQ2 pin is at a high level. Setting
the TIPF[1:0] bits in TRAIOC allows applying a filter to external event input. Similar to the pulse
output operation mode, a toggle can be output from the TRAO pin in synchronization with an
underflow of the timer counter. In event counter mode, even if 1 is written to the TSTART bit, the
value of the TCSTF bit will not become 1 unless the corresponding event signal is input. If the
event signal is input while TCSTF = 0, the counter value will be the number of times the event has
occurred minus 3. If the event signal is input while TCSTF=1, the number time the event has
occurred = counter value.
13.3.5
Pulse Width Measurement Mode
This mode measures the pulse width of external signals that are input from the TRAIO pin. Setting
the TMOD[2:0] bits in TRAMR to B'011 activates the pulse width measurement mode operation.
A count source is selected in terms of the TCK[2:0] bits in TRAMR. The TEDGSEL bit in
TRAIOC can be used to specify whether the low-level width or the high-level width of input
pulses is to be measured. Setting the TIPF[1:0] bits in TRAIOC allows applying a filter to external
pulse input. Figure 13.3 shows an operation example of pulse width measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com