Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 456 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 452Page - Renesas Technology Corp H8S/20223 Datasheet HTML 453Page - Renesas Technology Corp H8S/20223 Datasheet HTML 454Page - Renesas Technology Corp H8S/20223 Datasheet HTML 455Page - Renesas Technology Corp H8S/20223 Datasheet HTML 456Page - Renesas Technology Corp H8S/20223 Datasheet HTML 457Page - Renesas Technology Corp H8S/20223 Datasheet HTML 458Page - Renesas Technology Corp H8S/20223 Datasheet HTML 459Page - Renesas Technology Corp H8S/20223 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 430 of 962
REJ09B0465-0100
14.3.4
Programmable Wait One-Shot Generation Mode
This mode outputs one-shot pulses from the TRBO pin after a fixed amount of time based on
either program or external trigger input. When a trigger is generated, beginning with that point in
time, pulses are output only once for any length of time set in TRBSC, after any length of time set
in TRBPR.
(1) Starting and Stopping Operation
The counting is started when 1 is written to the TOSST bit in TRBOCR or a valid trigger signal is
input to the TRGB pin after the TSTART bit in TRBCR is set to 1 and the TCSTF flag is set to 1.
For a trigger input, the pulse must be longer than one cycle of the clock source for counting.
The counting is stopped when reloading is performed with an underflow of the timer RB counter
during the secondary period counting , when 1 is written to the TOSSP bit in TRBOCR, or when 0
is written to the TSTART bit in TRBMR.
(2) Forced Termination of Operation
Writing 1 to the TSTOP bit in TRBCR stops the counting forcedly. When the counting is forcedly
stopped, the timer RB counter, the prescaler counter, and any associated flags are initialized.
(3) Interrupt Request
An interrupt request is generated on the underflow of the timer RB counter during the secondary
period counting.
(4) Reading and Writing Count Value
Reading TRBPRE and TRBTR reads count values from each register.
If a write is performed to TRBPRE, TRBPR, or TRBSC when counting is stopped, set values are
written to both the reload register and the counter.
If a write is performed to TRBPRE, TRBPR, or TRBSC during counting, data is written only to
the respective reload registers. The value written to TRBPRE takes effect in synchronization with
the underflow of the prescaler. The value written to TRBPR takes effect during the next one-shot
pulse.
After writing to TRBSC and TRBPR when TCSTF = 1 or TOSSTF = 0, if a write is successively
performed to TRBSC and then to TRBPR, allow an interval of 5 cycles of the clock source for
counting before writing 1 to the TOSST bit.
In this mode, TRBPRE or TRBPR should not be set to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com