Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 458 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 454Page - Renesas Technology Corp H8S/20223 Datasheet HTML 455Page - Renesas Technology Corp H8S/20223 Datasheet HTML 456Page - Renesas Technology Corp H8S/20223 Datasheet HTML 457Page - Renesas Technology Corp H8S/20223 Datasheet HTML 458Page - Renesas Technology Corp H8S/20223 Datasheet HTML 459Page - Renesas Technology Corp H8S/20223 Datasheet HTML 460Page - Renesas Technology Corp H8S/20223 Datasheet HTML 461Page - Renesas Technology Corp H8S/20223 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 432 of 962
REJ09B0465-0100
14.3.5
Timing at Which Values Take Effect in Prescaler or Counter Depending on TWRC
Bit
Depending on the value assigned to the TWRC bit in TRBMR, the timing at which the value
written to TRBPRE, TRBPR, or TRBSC during timer operation takes effect in the counter can
vary.
If TWRC is set to 1 and value is written only to the register, the counter value is updated between
cycles, thus preventing the occurrence of fractional cycles. In modes other than the timer mode,
TWRC should be set to 1.
Figure 14.5 shows operation examples on the prescaler and the counter when the value of TWRC
is 0 and 1.
If TCSTF is 1, even when TWRC is cleared to 0, any transfer to the prescaler or the counter is
performed in synchronization with the count source; therefore, the counter value is not updated
immediately after the execution of a write instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com