Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 460 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 456Page - Renesas Technology Corp H8S/20223 Datasheet HTML 457Page - Renesas Technology Corp H8S/20223 Datasheet HTML 458Page - Renesas Technology Corp H8S/20223 Datasheet HTML 459Page - Renesas Technology Corp H8S/20223 Datasheet HTML 460Page - Renesas Technology Corp H8S/20223 Datasheet HTML 461Page - Renesas Technology Corp H8S/20223 Datasheet HTML 462Page - Renesas Technology Corp H8S/20223 Datasheet HTML 463Page - Renesas Technology Corp H8S/20223 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 434 of 962
REJ09B0465-0100
14.3.6
TOCNT Settings and Pin State Update Conditions
Depending on the TOCNT bit in TRBIOC and the corresponding bit in PMR, the user can select
whether the pin is used as a general I/O port or as a specific timer waveform output. In the case of
timer mode, however, the pin operates as a general I/O port, irrespective of TOCNT bit settings.
When the TOCNT bit is rewritten, the pin state is not updated immediately; the change takes
effect when either of the following conditions occurs:
Pin state update conditions:
• When the TSTART bit in TRBCR is changed from 0 to 1
• When TRBPR is reloaded to the counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com