Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 198 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 194Page - Renesas Technology Corp H8S/20223 Datasheet HTML 195Page - Renesas Technology Corp H8S/20223 Datasheet HTML 196Page - Renesas Technology Corp H8S/20223 Datasheet HTML 197Page - Renesas Technology Corp H8S/20223 Datasheet HTML 198Page - Renesas Technology Corp H8S/20223 Datasheet HTML 199Page - Renesas Technology Corp H8S/20223 Datasheet HTML 200Page - Renesas Technology Corp H8S/20223 Datasheet HTML 201Page - Renesas Technology Corp H8S/20223 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 172 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
4
FMERSF
Erase-suspend
flag
0: Erase-suspend function is not being used.
1: Erase-suspend function is being used.
[Setting condition]
• Erase-suspend mode is being used.
[Clearing condition]
• Erase-suspend mode is not being used.
R
3
FMPRSF
*
3*5
Programming
status flag
0: Successful end
1: End with an error
[Setting conditions]
• The programming command is executed and
results in unsuccessful programming.
• The lock-bit programming command is executed
and results in unsuccessful programming.
[Clearing condition]
• The clear-status command is issued.
R
2
Reserved
This bit is read as 0. The write value should be 0.
1
Reserved
Reading this bit returns the value same as the
FMRDY value. The write value should be 1.
0
FMRDY
Flash memory
ready/busy
status flag
0: Busy (programming or erasure in progress)
1: Ready
[Setting condition]
• The flash memory is not being programmed or
erased.
[Clearing condition]
• The flash memory is being programmed or
erased.
R
Notes: 1. The FMRDYIF bit is set to 1 when the FMRDY bit changes from 0 to 1.
2. When setting the bit to 0, first read 1 from the bit and then write 0 to the bit.
3. The bit cannot be set to 1 through software.
4. The FMBSYRDIF bit is set to 1 when the ROM area is accessed while the FMRDY bit is
0.
5. The bit is cleared to 0 when the clear-status command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com