Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 199 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 195Page - Renesas Technology Corp H8S/20223 Datasheet HTML 196Page - Renesas Technology Corp H8S/20223 Datasheet HTML 197Page - Renesas Technology Corp H8S/20223 Datasheet HTML 198Page - Renesas Technology Corp H8S/20223 Datasheet HTML 199Page - Renesas Technology Corp H8S/20223 Datasheet HTML 200Page - Renesas Technology Corp H8S/20223 Datasheet HTML 201Page - Renesas Technology Corp H8S/20223 Datasheet HTML 202Page - Renesas Technology Corp H8S/20223 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 173 of 962
REJ09B0465-0100
• FMRDYIF (flash read-ready interrupt request flag)
The FMRDYIF bit indicates that the flash memory has changed from the busy state to the
ready state. When the FMRDYIF bit is set to 1 while the FMRDYIE bit is 1, an interrupt
request is generated.
• FMBSYRDIF (flash busy-read interrupt request flag)
The FMBSYRDIF bit indicates that the user ROM area is accessed while the flash memory is
in the busy state. When the FMBSYRDIF bit is set to 1 while the FMBSYRDIE bit is 1, an
interrupt request is generated.
• FMEBSF (erasure/blank-checking status flag)
The FMEBSF bit is a read-only bit indicating the state when erasure/blank-checking command
is executed.
• FMERSF (erase-suspend flag)
The FMERSF bit is a read-only bit indicating the state of erase-suspend mode.
• FMPRSF (programming status flag)
The FMPRSF bit is a read-only bit indicating the state when programming command is
executed.
• FMRDY (flash memory ready/busy status flag)
The FMRDY bit indicates the state of flash memory operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com