Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 200 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 196Page - Renesas Technology Corp H8S/20223 Datasheet HTML 197Page - Renesas Technology Corp H8S/20223 Datasheet HTML 198Page - Renesas Technology Corp H8S/20223 Datasheet HTML 199Page - Renesas Technology Corp H8S/20223 Datasheet HTML 200Page - Renesas Technology Corp H8S/20223 Datasheet HTML 201Page - Renesas Technology Corp H8S/20223 Datasheet HTML 202Page - Renesas Technology Corp H8S/20223 Datasheet HTML 203Page - Renesas Technology Corp H8S/20223 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 174 of 962
REJ09B0465-0100
7.5
On-Board Programming
The flash memory can be programmed/erased on board (boot mode and user mode), or by using a
PROM programmer (programmer mode). When the reset is released, this LSI enters one of these
modes depending on the levels of the signals input on the TEST,
NMI, and ports, as shown in
table 7.3. The levels of these signals must be fixed at least TBD states before the reset is released.
When this LSI enters boot mode, the built-in boot program is initiated. The boot program transfers
the programming-control program to the on-chip RAM, erases the flash memory areas entirely,
and then executes the programming-control program. Boot mode is useful for on-board initial
programming as well as forced recovery when programming/erasure in user mode is disabled.
User mode is useful for erasing and reprogramming the specified blocks, which function is
achieved by branching to the programming/erasure processing programs prepared by the user.
Table 7.3
Pin Levels and Programming Mode Selection
TEST
NMI
P85
PB3
PB2
PB1
PB0
LSI Modes after Release from a Reset
0
1
×
×
×
×
×
User mode
0
0
1
×
×
×
×
Boot mode
1
×
×
0
0
0
0
Programmer mode
Note:
×: Do not care.
7.5.1
Boot Mode
In boot mode, control commands and data for programming are transmitted from the externally
connected host via SCI3_1 to program/erase the user ROM area.
In boot mode, it is necessary to prepare the tool for transmitting control commands and data for
programming, and the data for programming in the host. Asynchronous mode is used for serial
communication. Figure 7.2 shows the system configuration in boot mode. Although interrupt
requests are ignored in boot mode, interrupt requests should be disabled by the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com