Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 230 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 226Page - Renesas Technology Corp H8S/20223 Datasheet HTML 227Page - Renesas Technology Corp H8S/20223 Datasheet HTML 228Page - Renesas Technology Corp H8S/20223 Datasheet HTML 229Page - Renesas Technology Corp H8S/20223 Datasheet HTML 230Page - Renesas Technology Corp H8S/20223 Datasheet HTML 231Page - Renesas Technology Corp H8S/20223 Datasheet HTML 232Page - Renesas Technology Corp H8S/20223 Datasheet HTML 233Page - Renesas Technology Corp H8S/20223 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 204 of 962
REJ09B0465-0100
• Response H'52 (1 byte): Response to the memory reading command
• Reading size (4 bytes): The amount of data to be read
• Data (128 bytes): The specified amount of data to be read out starting at the specified address
• SUM (1 byte): Checksum
Error response
H'D2
ERROR
• Error response H'D2 (1 byte): Error response to the memory reading command
• ERROR (1 byte): Error code
H'11: Checksum error
H'2A: Address error (the specified address for reading is not in the MAT)
H'2B: Size error (the specified size (amount) is greater than the size of the MAT)
(f)
Sum Checking of User ROM Area
In response to the command for sum checking of the user ROM area, the boot program adds all the
data bytes in the user ROM area and returns the result.
Command
H'4B
• Command H'4B (1 byte): Sum checking of the user ROM area
Response
H'5B
Size
Checksum for the MAT
SUM
• Response H'5B (1 byte): Response to the command for sum checking of the user ROM area
• Size (1 byte): The number of characters in the checksum-for-the-MAT field (fixed to 4)
• Checksum for the MAT (4 bytes): Result of checksum calculation for the user ROM area; the
total of all the data in the MAT, in byte units.
• SUM (1 byte): Checksum (for this response)
(g) Blank Checking of User ROM Area
In response to the command for blank checking of the user ROM area, the boot program checks to
see if the whole area of the user ROM area is blank and returns the result.
Command
H'4D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com