Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 233 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 229Page - Renesas Technology Corp H8S/20223 Datasheet HTML 230Page - Renesas Technology Corp H8S/20223 Datasheet HTML 231Page - Renesas Technology Corp H8S/20223 Datasheet HTML 232Page - Renesas Technology Corp H8S/20223 Datasheet HTML 233Page - Renesas Technology Corp H8S/20223 Datasheet HTML 234Page - Renesas Technology Corp H8S/20223 Datasheet HTML 235Page - Renesas Technology Corp H8S/20223 Datasheet HTML 236Page - Renesas Technology Corp H8S/20223 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 207 of 962
REJ09B0465-0100
7.5.3
Programming/Erasing in User Mode
On-board programming/erasing of individual flash memory blocks is also possible in user mode
by branching to the user programming/erasure-control program. The user must set the branching
conditions and provide the on-board means of supplying the programming data. The flash memory
must contain the user programming/ erasure-control program or a program that allows the user
programming/erasure-control program to be supplied externally. As the flash memory itself cannot
be read during programming/erasing, transfer the user programming/erasure-control program to
the on-chip RAM to execute, as in boot mode. Figure 7.12 shows a sample procedure for
programming/erasing in user mode. Prepare user programming/erasure-control program in
accordance with the description in section 7.6, Programming/Erasing.
Yes
No
Programming/erasing
Transfer the programming/erasure-
control program to RAM.
Branch to the programming/erasure-
control program in RAM.
Branch to the application program
in flash memory.
Execute the programming/erasure-
control program (reprogram the flash
memory).
Branch to the application program
in flash memory.
Reset-start
Figure 7.12 Sample Programming/Erasing Procedure in User Mode (EW0 Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com