Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 234 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 230Page - Renesas Technology Corp H8S/20223 Datasheet HTML 231Page - Renesas Technology Corp H8S/20223 Datasheet HTML 232Page - Renesas Technology Corp H8S/20223 Datasheet HTML 233Page - Renesas Technology Corp H8S/20223 Datasheet HTML 234Page - Renesas Technology Corp H8S/20223 Datasheet HTML 235Page - Renesas Technology Corp H8S/20223 Datasheet HTML 236Page - Renesas Technology Corp H8S/20223 Datasheet HTML 237Page - Renesas Technology Corp H8S/20223 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 208 of 962
REJ09B0465-0100
7.6
Programming/Erasing
The CPU reprogramming method is employed to program and erase flash memory on board, in
which the CPU executes software commands.
7.6.1
Software Commands
Table 7.9 shows a list of software commands through word instructions and table 7.10 shows a list
of software commands through byte instructions. Whether an instruction is to be byte-length or
word-length is specified by the FMWUS bit in FLMCR1.
Table 7.9
Software Commands (in Word Instructions: FMWUS = 1)
First Command
Cycle
Second
Command Cycle
Third Command
Cycle
Command Use in
Modes
Software
Command
Mode Addr. Data
Mode Addr. Data
Mode Addr. Data
EW0
EW1
Erasure
Write
×
H'2020
Write BA
H'D0D0
Possible Possible
Programming
Write WA
H'4141
Write WA
WD1 Write WA
WD2 Possible Possible
Blank checking
Write
×
H'2525
Write BA
H'D0D0
Possible Possible
Lock-bit
programming
Write
×
H'7777
Write BA
H'D0D0
Possible Possible
Read-array
Write
×
H'FFFF
Possible
Clear-status
Write
×
H'5050
Possible Possible
Lock-bit reading
Write
×
H'7171
Read BA
H'xxxx
Possible Impossible
[Legend]
×:
Arbitrary address in the user ROM area
xx:
Eight-bit arbitrary data
BA:
Arbitrary address in a block
WA:
Programming address. (The lower two bits of an address are ignored. WA should be the
same in each command cycle.)
WDn:
Programming data (16 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com