Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 237 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 233Page - Renesas Technology Corp H8S/20223 Datasheet HTML 234Page - Renesas Technology Corp H8S/20223 Datasheet HTML 235Page - Renesas Technology Corp H8S/20223 Datasheet HTML 236Page - Renesas Technology Corp H8S/20223 Datasheet HTML 237Page - Renesas Technology Corp H8S/20223 Datasheet HTML 238Page - Renesas Technology Corp H8S/20223 Datasheet HTML 239Page - Renesas Technology Corp H8S/20223 Datasheet HTML 240Page - Renesas Technology Corp H8S/20223 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 211 of 962
REJ09B0465-0100
No
Yes
DFPR[x] = 0*2
FMLBD = 1
To processing for issuing
commands
Command issued for
the program region?
No
Yes
Command issued
for data flash?
Transfer the overwriting
program to RAM.
Set the interrupt vector offset by
VOFR and place the interrupt
vectors in RAM.*1
Jump to the overwriting
program in RAM.
FMEWMOD = 0
FMCMDEN = 1
Start
No
Yes
FMEWMOD = 1
FMCMDEN = 1
Start
FMLBD = 1
To processing for issuing
commands
Command issued for
the program region?
No
Yes
DFPR[x] = 0*2
Command issued
for data flash?
1
1
For any interrupts that are in use, allocate the interrupt vector entries and interrupt routines to RAM.
If interrupts are not to be used, allocation to RAM is not necessary.
1. Within the flow, set the CPU overwriting unit selection bit (FMWUS) to select the unit of overwriting.
2. Set the DFPR according to the area of data-flash memory for which commands are to be issued.
Notes:
Flow of initialization for EW1 mode*1
Flow of initialization for EW0 mode*1
Figure 7.13 Initialization for E/W Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com