Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 292 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 288Page - Renesas Technology Corp H8S/20223 Datasheet HTML 289Page - Renesas Technology Corp H8S/20223 Datasheet HTML 290Page - Renesas Technology Corp H8S/20223 Datasheet HTML 291Page - Renesas Technology Corp H8S/20223 Datasheet HTML 292Page - Renesas Technology Corp H8S/20223 Datasheet HTML 293Page - Renesas Technology Corp H8S/20223 Datasheet HTML 294Page - Renesas Technology Corp H8S/20223 Datasheet HTML 295Page - Renesas Technology Corp H8S/20223 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 266 of 962
REJ09B0465-0100
9.2
Usage Notes
9.2.1
Procedures for Setting Multiplexed Port Functions
Use the following procedures to set a function for a multiplexed port.
1. Clear the relevant port mode register (PMR) bit to 0 to select the general input function.
2. Set PMCWPR to enable writing to the relevant peripheral function mapping register (PMCR).
3. Select a function using the peripheral function mapping register (PMCR).
4. Set the PMCRWE bit in PMCWPR to 0 to disable writing to PMCR.
5. Set the PMR bit to 1 as necessary to activate the selected multiplexed function.
9.2.2
Notes on Setting PMC Registers
1. A function of a multiplexed port should be set when the relevant PMR bit is 0. If a function is
set when PMR is 1, an unintended edge may be input for the input function or unintended
pulses may be output for the output function.
2. Only the functions that can be selected by PMCR should be set. If the other functions are set,
operation cannot be guaranteed.
3. The same function must not be assigned to multiple pins by the PMC.
4. Port A also has an analog input function for the A/D converter. When port A is used as analog
input, the relevant bit in PMRA should be set to 0 to select general I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com