Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 295 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 291Page - Renesas Technology Corp H8S/20223 Datasheet HTML 292Page - Renesas Technology Corp H8S/20223 Datasheet HTML 293Page - Renesas Technology Corp H8S/20223 Datasheet HTML 294Page - Renesas Technology Corp H8S/20223 Datasheet HTML 295Page - Renesas Technology Corp H8S/20223 Datasheet HTML 296Page - Renesas Technology Corp H8S/20223 Datasheet HTML 297Page - Renesas Technology Corp H8S/20223 Datasheet HTML 298Page - Renesas Technology Corp H8S/20223 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 269 of 962
REJ09B0465-0100
10.1.2
Port Control Register 1 (PCR1)
b7
PCR17
0
b6
PCR16
0
b5
PCR15
0
b4
PCR14
0
b3
PCR13
0
b2
PCR12
0
b1
PCR11
0
b0
PCR10
0
H'FFFFF0
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PCR17
Port 17 control
R/W
6
PCR16
Port 16 control
R/W
5
PCR15
Port 15 control
R/W
4
PCR14
Port 14 control
R/W
3
PCR13
Port 13 control
R/W
2
PCR12
Port 12 control
R/W
1
PCR11
Port 11 control
R/W
0
PCR10
Port 10 control
0: When the corresponding pin is designated as a
general I/O port, the pin functions as an input
port.
1: When the corresponding pin is designated as a
general I/O port, the pin functions as an output
port.
When the corresponding pin is designated in PMR1
as a general I/O pin, setting a PCR bit to 1 makes
the corresponding pin an output port, while clearing
the bit to 0 makes the pin an input port.
In the H8S/20103 group, bits PCR14 and PCR10
are reserved. Only 0 should be written to these bits.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com