Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 296 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 292Page - Renesas Technology Corp H8S/20223 Datasheet HTML 293Page - Renesas Technology Corp H8S/20223 Datasheet HTML 294Page - Renesas Technology Corp H8S/20223 Datasheet HTML 295Page - Renesas Technology Corp H8S/20223 Datasheet HTML 296Page - Renesas Technology Corp H8S/20223 Datasheet HTML 297Page - Renesas Technology Corp H8S/20223 Datasheet HTML 298Page - Renesas Technology Corp H8S/20223 Datasheet HTML 299Page - Renesas Technology Corp H8S/20223 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 270 of 962
REJ09B0465-0100
10.1.3
Port Data Register 1 (PDR1)
b7
PDR17
0
b6
PDR16
0
b5
PDR15
0
b4
PDR14
0
b3
PDR13
0
b2
PDR12
0
b1
PDR11
0
b0
PDR10
0
H'FFFFE0
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR17
Port 17 data
R/W
6
PDR16
Port 16 data
R/W
5
PDR15
Port 15 data
R/W
4
PDR14
Port 14 data
R/W
3
PDR13
Port 13 data
R/W
2
PDR12
Port 12 data
R/W
1
PDR11
Port 11 data
R/W
0
PDR10
Port 10 data
0: Low level
1: High level
PDR1 is a register that stores output data for port 1
pins. When PCR1 bits are set to 1, the values
stored in PDR1 are output.
When PDR1 is read while PCR1 bits are set to 1,
the values stored in PDR1 are read. If PDR1 is read
while PCR1 bits are cleared to 0, the pin states are
read regardless of the value stored in PDR1.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com