Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 357 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 353Page - Renesas Technology Corp H8S/2437 Datasheet HTML 354Page - Renesas Technology Corp H8S/2437 Datasheet HTML 355Page - Renesas Technology Corp H8S/2437 Datasheet HTML 356Page - Renesas Technology Corp H8S/2437 Datasheet HTML 357Page - Renesas Technology Corp H8S/2437 Datasheet HTML 358Page - Renesas Technology Corp H8S/2437 Datasheet HTML 359Page - Renesas Technology Corp H8S/2437 Datasheet HTML 360Page - Renesas Technology Corp H8S/2437 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 746 page
background image
Rev. 1.00, 09/03, page 319 of 704
12.3.4
Timer Interrupt Enable Register (TIER)
TIER controls enabling or disabling of interrupt requests for each channel. The TPU has a total of
three TIER registers, one for each channel.
Bit
Bit Name Initial Value
R/W
Description
7
TTGE
0
R/W
A/D Conversion Start Request Enable
Enables or disables generation of A/D conversion start
requests by TGRA input capture/compare match.
0: A/D conversion start request generation disabled
1: A/D conversion start request generation enabled
6
1
R
Reserved
This bit is always read as 1 and cannot be modified.
5
TCIEU
0
R/W
Underflow Interrupt Enable
Enables or disables interrupt requests (TCIU) by the
TCFU flag when the TCFU flag in TSR is set to 1 in
channels 1 and 2. In channel 0, bit 5 is reserved. It is
always read as 0 and cannot be modified.
0: Interrupt requests (TCIU) by TCFU disabled
1: Interrupt requests (TCIU) by TCFU enabled
4
TCIEV
0
R/W
Overflow Interrupt Enable
Enables or disables interrupt requests (TCIV) by the
TCFV flag when the TCFV flag in TSR is set to 1.
0: Interrupt requests (TCIV) by TCFV disabled
1: Interrupt requests (TCIV) by TCFV enabled
3
TGIED
0
R/W
TGR Interrupt Enable D
Enables or disables interrupt requests (TGID) by the
TGFD bit when the TGFD bit in TSR is set to 1 in channel
0. In channels 1 and 2, bit 3 is reserved. It is always read
as 0 and cannot be modified.
0: Interrupt requests (TGID) by TGFD disabled
1: Interrupt requests (TGID) by TGFD enabled
2
TGIEC
0
R/W
TGR Interrupt Enable C
Enables or disables interrupt requests (TGIC) by the
TGFC bit when the TGFC bit in TSR is set to 1 in channel
0. In channels 1 and 2, bit 2 is reserved. It is always read
as 0 and cannot be modified.
0: Interrupt requests (TGIC) by TGFC disabled
1: Interrupt requests (TGIC) by TGFC enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com