| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 361 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 361 Page - Renesas Technology Corp |
|
361 / 746 page ![]() Rev. 1.00, 09/03, page 323 of 704 12.3.6 Timer Counter (TCNT) TCNT is a 16-bit readable/writable counter. The TPU has a total of three TCNT counters, one for each channel. TCNT is initialized to H'0000 by a reset, and in hardware standby mode. TCNT cannot be accessed in 8-bit units; it must always be accessed in 16-bit units. 12.3.7 Timer General Register (TGR) TGR is a 16-bit readable/writable register with a dual function as output compare and input capture registers. The TPU has a total of eight TGR registers, four for channel 0 and two each for channels 1 and 2. TGRC and TGRD for channel 0 can also be designated for operation as buffer registers. TGR is initialized to H'FFFF by a reset, and in hardware standby mode. TGR cannot be accessed in 8-bit units; it must always be accessed in 16-bit units. TGR and buffer register combinations are TGRA—TGRC and TGRB—TGRD. 12.3.8 Timer Start Register (TSTR) TSTR selects TCNT operation/stop for channels 0 to 2. If the corresponding bit is set to 1, TCNT starts counting for the channel. When setting the operating mode in TMDR or setting the count clock in TCR, first stop the TCNT counter. Bit Bit Name Initial Value R/W Description 7 to 3 All 0 Reserved The write value should always be 0. 2 1 0 CST2 CST1 CST0 0 0 0 R/W R/W R/W Counter Start 2 to 0 Select operation or stop for TCNT. If 0 is written to the CST bit during operation with the TIOC pin designated for output, the counter stops but the output compare output level for the TIOC pin is retained. If TIOR is written to when the CST bit is cleared to 0, the pin output level will be changed to the set initial output value. 0: TCNTn count operation is stopped 1: TCNTn performs count operation (n = 2 to 0) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |