Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 360 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 356Page - Renesas Technology Corp H8S/2437 Datasheet HTML 357Page - Renesas Technology Corp H8S/2437 Datasheet HTML 358Page - Renesas Technology Corp H8S/2437 Datasheet HTML 359Page - Renesas Technology Corp H8S/2437 Datasheet HTML 360Page - Renesas Technology Corp H8S/2437 Datasheet HTML 361Page - Renesas Technology Corp H8S/2437 Datasheet HTML 362Page - Renesas Technology Corp H8S/2437 Datasheet HTML 363Page - Renesas Technology Corp H8S/2437 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 746 page
background image
Rev. 1.00, 09/03, page 322 of 704
Bit
Bit Name Initial Value
R/W
Description
1
TGFB
0
R/(W)* Input Capture/Output Compare Flag B
Status flag that indicates the occurrence of TGRB input
capture or compare match.
[Setting conditions]
• When TCNT = TGRB while TGRB is functioning as
output compare register
• When TCNT value is transferred to TGRB by input
capture signal while TGRB is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFB after reading TGFB = 1
0
TGFA
0
R/(W)* Input Capture/Output Compare Flag A
Status flag that indicates the occurrence of TGRA input
capture or compare match.
[Setting conditions]
• When TCNT = TGRA while TGRA is functioning as
output compare register
• When TCNT value is transferred to TGRA by input
capture signal while TGRA is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFA after reading TGFA = 1
Note:
*
Only 0 can be written to clear the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com