Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 358 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 354Page - Renesas Technology Corp H8S/2437 Datasheet HTML 355Page - Renesas Technology Corp H8S/2437 Datasheet HTML 356Page - Renesas Technology Corp H8S/2437 Datasheet HTML 357Page - Renesas Technology Corp H8S/2437 Datasheet HTML 358Page - Renesas Technology Corp H8S/2437 Datasheet HTML 359Page - Renesas Technology Corp H8S/2437 Datasheet HTML 360Page - Renesas Technology Corp H8S/2437 Datasheet HTML 361Page - Renesas Technology Corp H8S/2437 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 746 page
background image
Rev. 1.00, 09/03, page 320 of 704
Bit
Bit Name Initial Value
R/W
Description
1
TGIEB
0
R/W
TGR Interrupt Enable B
Enables or disables interrupt requests (TGIB) by the
TGFB bit when the TGFB bit in TSR is set to 1.
0: Interrupt requests (TGIB) by TGFB disabled
1: Interrupt requests (TGIB) by TGFB enabled
0
TGIEA
0
R/W
TGR Interrupt Enable A
Enables or disables interrupt requests (TGIA) by the
TGFA bit when the TGFA bit in TSR is set to 1.
0: Interrupt requests (TGIA) by TGFA disabled
1: Interrupt requests (TGIA) by TGFA enabled
12.3.5
Timer Status Register (TSR)
TSR indicates the status of each channel. The TPU has a total of three TSR registers, one for each
channel.
Bit
Bit Name Initial Value
R/W
Description
7
TCFD
1
R
Count Direction Flag
Status flag that indicates the direction in which TCNT
counts in channels 1 and 2. In channel 0, bit 7 is
reserved. It is always read as 1 and cannot be modified.
0: TCNT counts down
1: TCNT counts up
6
1
R
Reserved
This bit is always read as 1 and cannot be modified.
5
TCFU
0
R/(W)* Underflow Flag
Status flag that indicates that TCNT underflow has
occurred when channels 1 and 2 are set to phase
counting mode. In channel 0, bit 5 is reserved. It is
always read as 0 and cannot be modified.
[Setting condition]
When the TCNT value underflows (change from H'0000
to H'FFFF)
[Clearing condition]
When 0 is written to TCFU after reading TCFU = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com