Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 408 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 404Page - Renesas Technology Corp H8S/2437 Datasheet HTML 405Page - Renesas Technology Corp H8S/2437 Datasheet HTML 406Page - Renesas Technology Corp H8S/2437 Datasheet HTML 407Page - Renesas Technology Corp H8S/2437 Datasheet HTML 408Page - Renesas Technology Corp H8S/2437 Datasheet HTML 409Page - Renesas Technology Corp H8S/2437 Datasheet HTML 410Page - Renesas Technology Corp H8S/2437 Datasheet HTML 411Page - Renesas Technology Corp H8S/2437 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 746 page
background image
Rev. 1.00, 09/03, page 370 of 704
Bit
Bit Name
Initial Value
R/W
Description
4
ICST
0
R/W
Input Capture Start Bit
The TMRX external reset input (TMRIX) is
connected to the IHI signal. The TMRX has input
capture registers (TICR, TICRR, and TICRF). TICRR
and TICRF can measure the width of a short pulse
by means of a single capture operation under the
control of the ICST bit. When a rising edge followed
by a falling edge is detected on the TMRIX after the
ICST bit is set to 1, the contents of TCNT at those
points are captured into TICRR and TICRF,
respectively, and the ICST bit is cleared to 0.
0: Input capture function of TICRR and TICRF is
halted
[Clearing condition]
When a rising edge followed by a falling edge is
detected on TMRIX
1: Input capture function of TICRR and TICRF is
operating (Waiting for the time when a rising edge
followed by a falling edge is detected on TMRIX)
[Setting condition]
When 1 is written to ICST after reading ICST = 0
3
HFINV
0
R/W
Spare Horizontal Synchronization Signal Inversion
Selects inversion of the input phase of the spare
horizontal synchronization signal (HFBACKI). This
bit is reserved in channel 1. The initial value should
not be changed.
0: The HFBACKI pin state is used directly as the
HFBACKI input
1: The HFBACKI pin state is inverted before use as
the HFBACKI input
2
VFINV
0
R/W
Spare Vertical Synchronization Signal Inversion
Selects inversion of the input phase of the spare
vertical synchronization signal (VFBACKI). This bit is
reserved in channel 1. The initial value should not be
changed.
0: The VFBACKI pin state is used directly as the
VFBACKI input
1: The VFBACKI pin state is inverted before use as
the VFBACKI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com