Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 411 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 407Page - Renesas Technology Corp H8S/2437 Datasheet HTML 408Page - Renesas Technology Corp H8S/2437 Datasheet HTML 409Page - Renesas Technology Corp H8S/2437 Datasheet HTML 410Page - Renesas Technology Corp H8S/2437 Datasheet HTML 411Page - Renesas Technology Corp H8S/2437 Datasheet HTML 412Page - Renesas Technology Corp H8S/2437 Datasheet HTML 413Page - Renesas Technology Corp H8S/2437 Datasheet HTML 414Page - Renesas Technology Corp H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 746 page
background image
Rev. 1.00, 09/03, page 373 of 704
Bit
Bit Name
Initial Value
R/W
Description
3
HOINV
0
R/W
Horizontal Synchronization Signal Output Inversion
Selects the signal output from the HSYNCO with the
settings of the HS2, HS1, and HS0 bits in TECR.
See table 13.3.
2
VOINV
0
R/W
Vertical Synchronization Signal Output Inversion
Selects the signal output from the VSYNCO with the
setting of the VS0 bit in TECR. See table 13.4.
1
0
CLOINV
CBOINV
0
0
R/W
R/W
Output Synchronization Signal Inversion
Selects inversion of the output phase of the clamp
waveform (CLAMPO) and blanking waveform
(CBLANK) in channel 0.
These bits are reserved in channel 1. The initial
value should not be changed.
• CLOINV
0: The CLO signal (CL1, CL2, CL3, or CL4 signal) is
used directly as the CLAMPO output
1: The CLO signal (CL1, CL2, CL3, or CL4 signal) is
inverted before use as the CLAMPO output
• CBOINV
0: The CBLANK signal is used directly as the
CBLANK output
1: The CBLANK signal is inverted before use as the
CBLANK output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com