Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 409 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 405Page - Renesas Technology Corp H8S/2437 Datasheet HTML 406Page - Renesas Technology Corp H8S/2437 Datasheet HTML 407Page - Renesas Technology Corp H8S/2437 Datasheet HTML 408Page - Renesas Technology Corp H8S/2437 Datasheet HTML 409Page - Renesas Technology Corp H8S/2437 Datasheet HTML 410Page - Renesas Technology Corp H8S/2437 Datasheet HTML 411Page - Renesas Technology Corp H8S/2437 Datasheet HTML 412Page - Renesas Technology Corp H8S/2437 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 746 page
background image
Rev. 1.00, 09/03, page 371 of 704
Bit
Bit Name
Initial Value
R/W
Description
1
HIINV
0
R/W
Horizontal and Composite Synchronization Signal
Inversion
Selects inversion of the input phase of the horizontal
synchronization signal (HSYNCI) and composite
synchronization signal (CSYNCI).
0: The HSYNCI and CSYNCI pin states are used
directly as the HSYNCI and CSYNCI inputs
1: The HSYNCI and CSYNCI pin states are inverted
before use as the HSYNCI and CSYNCI inputs
0
VIINV
0
R/W
Vertical Synchronization Signal Inversion
Selects inversion of the input phase of the vertical
synchronization signal (VSYNCI).
0: The VSYNCI pin state is used directly as the
VSYNCI input
1: The VSYNCI pin state is inverted before use as
the VSYNCI input
Table 13.2
Synchronization Signal Connection Enable
Bit 5
Description
SCONE Mode
FTIA
FTIB
FTIC
FTID
TMCI1
TMRI1
TMCIX
TMRIX
0
Normal
connection
(Initial
value)
FTIA
input
FTIB
input
FTIC
input
FTID
input
TMI1
input
TMI1
input
TMIX
input
TMIX
input
1
Synchroniza
-tion signal
connection
mode
IVI
signal
TMO1
signal
VFBACKI
input*
IHI
signal
IHI
signal
IVI
inverse
signal
IHI signal IHI signal
Note:
*
Only FTIC input is available in channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com