Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 435 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 431Page - Renesas Technology Corp H8S/2437 Datasheet HTML 432Page - Renesas Technology Corp H8S/2437 Datasheet HTML 433Page - Renesas Technology Corp H8S/2437 Datasheet HTML 434Page - Renesas Technology Corp H8S/2437 Datasheet HTML 435Page - Renesas Technology Corp H8S/2437 Datasheet HTML 436Page - Renesas Technology Corp H8S/2437 Datasheet HTML 437Page - Renesas Technology Corp H8S/2437 Datasheet HTML 438Page - Renesas Technology Corp H8S/2437 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 746 page
background image
Rev. 1.00, 09/03, page 397 of 704
13.4.8
VSYNCO Output
With the VSYNCO output, the meaning of the signal source to be selected and use or non-use of
modification varies according to the IVI signal source and the waveform required by an external
circuitry. The VSYNCO output modes are shown in table 13.12.
Table 13.12 VSYNCO Output Modes
Mode
IVI Signal
IVO Signal
Meaning of IVO Signal
IVI signal (without fall
modification or IHI
synchronization)
VFBACKI input is output directly
IVI signal (without fall
modification, with IHI
synchronization)
Meaningless if VFBACKI input is
synchronized with HFBACKI input
IVI signal (with fall
modification, without IHI
synchronization)
VFBACKI input fall is modified before
output
IVI signal (with fall
modification and IHI
synchronization)
VFBACKI input fall is modified and the
signal is synchronized with HFBACKI
input before output
No signal
VFBACKI
input
IVG signal
Internal synchronization signal is output
IVI signal (without fall
modification or IHI
synchronization)
Vertical synchronization signal part of
CSYNCI/HSYNCI input (composite
synchronization signal) is separated
before output
IVI signal (without fall
modification, with IHI
synchronization)
Vertical synchronization signal part of
CSYNCI/HSYNCI input (composite
synchronization signal) is separated, and
the signal is synchronized with
CSYNCI/HSYNCI input before output
IVI signal (with fall
modification, without IHI
synchronization)
Vertical synchronization signal part of
CSYNCI/HSYNCI input (composite
synchronization signal) is separated, and
fall is modified before output
IVI signal (with fall
modification and IHI
synchronization)
Vertical synchronization signal part of
CSYNCI/HSYNCI input (composite
synchronization signal) is separated, fall
is modified, and the signal is
synchronized with CSYNCI/HSYNCI input
before output
S-on-G mode
or composite
mode
PDC signal
IVG signal
Internal synchronization signal is output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com