Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 436 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 432Page - Renesas Technology Corp H8S/2437 Datasheet HTML 433Page - Renesas Technology Corp H8S/2437 Datasheet HTML 434Page - Renesas Technology Corp H8S/2437 Datasheet HTML 435Page - Renesas Technology Corp H8S/2437 Datasheet HTML 436Page - Renesas Technology Corp H8S/2437 Datasheet HTML 437Page - Renesas Technology Corp H8S/2437 Datasheet HTML 438Page - Renesas Technology Corp H8S/2437 Datasheet HTML 439Page - Renesas Technology Corp H8S/2437 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 746 page
background image
Rev. 1.00, 09/03, page 398 of 704
Mode
IVI Signal
IVO Signal
Meaning of IVO Signal
IVI signal (without fall
modification or IHI
synchronization)
VSYNCI input (vertical synchronization
signal) is output directly
IVI signal (without fall
modification, with IHI
synchronization)
Meaningless if VSYNCI input (vertical
synchronization signal) is synchronized
with HSYNCI input (horizontal
synchronization signal)
IVI signal (with fall
modification, without IHI
synchronization)
VSYNCI input (vertical synchronization
signal) fall is modified before output
IVI signal (with fall
modification and IHI
synchronization)
VSYNCI input (vertical synchronization
signal) fall is modified and the signal is
synchronized with HSYNCI input
(horizontal synchronization signal) before
output
Separate
mode
VSYNCI
input
IVG signal
Internal synchronization signal is output
13.4.9
CBLANK Output
Using the signals generated/selected with the timer connection, it is possible to generate an
waveform based on the composite synchronization signal (blanking waveform). This function is
not available in channel 1.
One kind of blanking waveform is generated by combining HFBACKI and VFBACKI inputs,
with the phase polarity made positive by means of bits HFINV and VFINV in TCONRI, and with
the IVO signal.
The logic of CBLANK output waveform generation is shown in figure 13.17.
Reset
Set
CBLANK signal
(positive)
HFBACKI input (positive)
VFBACKI input (positive)
IVO signal (positive)
Q
Falling edge sensing
Rising edge sensing
Figure 13.17 CBLANK Output Waveform Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com