Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 437 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 433Page - Renesas Technology Corp H8S/2437 Datasheet HTML 434Page - Renesas Technology Corp H8S/2437 Datasheet HTML 435Page - Renesas Technology Corp H8S/2437 Datasheet HTML 436Page - Renesas Technology Corp H8S/2437 Datasheet HTML 437Page - Renesas Technology Corp H8S/2437 Datasheet HTML 438Page - Renesas Technology Corp H8S/2437 Datasheet HTML 439Page - Renesas Technology Corp H8S/2437 Datasheet HTML 440Page - Renesas Technology Corp H8S/2437 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 746 page
background image
TIM8FR1A_010020020700
Rev. 1.00, 09/03, page 399 of 704
Section 14 Duty Measurement Circuit
This LSI has an on-chip duty measurement circuit which consists of an edge detection circuit,
8-bit counter, and capture register. This circuit can measure the duty by detecting edges of an
external event signal and capturing the high-level period and cycle.
Figure 14.1 shows a block diagram of the duty measurement circuit.
14.1
Features
• Selection of a counter operating signal from eight operating clocks
One of the eight operating clocks (
φ, φ/2, φ/4, φ/8, φ/32, φ/2048, φ/32768, or φ/65536) can be
selected.
• Automatic duty measurement of eight external event signals for two systems
Using an edge detection circuit enables both edges of the external event signal to be detected
and capturing the counter value enables the duty to be measured. One of eight external event
signals (2-system HSYNC, 2-system CSYNC, 2-system VSYNC, HFBACK, or VFBACK)
can be selected.
• Two interrupt sources
There are two interrupt sources: Duty measurement end and overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com