Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 441 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 437Page - Renesas Technology Corp H8S/2437 Datasheet HTML 438Page - Renesas Technology Corp H8S/2437 Datasheet HTML 439Page - Renesas Technology Corp H8S/2437 Datasheet HTML 440Page - Renesas Technology Corp H8S/2437 Datasheet HTML 441Page - Renesas Technology Corp H8S/2437 Datasheet HTML 442Page - Renesas Technology Corp H8S/2437 Datasheet HTML 443Page - Renesas Technology Corp H8S/2437 Datasheet HTML 444Page - Renesas Technology Corp H8S/2437 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 746 page
background image
Rev. 1.00, 09/03, page 403 of 704
14.3.3
Duty Measurement Control Register 1 (TWCR1)
TWCR1 controls the free-running counter (TWCNT) and selects the TWCNT input clock and an
external event signal whose duty is to be measured.
Bit
Bit Name
Initial Value
R/W Description
7
FRC
0
R/W Free-Running Counter
When 1 is written to this bit, TWCNT operates as a
free-running counter regardless of the state of the START
bit.
0: Duty measurement operation
1: Free-running counter operation
6
0
R/W Reserved
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select the clock input to TWCNT.
000: Count on internal clock
φ
001: Count on internal clock
φ/2
010: Count on internal clock
φ/4
011: Count on internal clock
φ/8
100: Count on internal clock
φ/32
101: Count on internal clock
φ/2048
110: Count on internal clock
φ/32768
111: Count on internal clock
φ/65536
2
1
0
IS2
IS1
IS0
0
0
0
R/W
R/W
R/W
Input Select 2 to 0
Select the external event signal whose duty is to be
measured.
000: Measure the duty of HSYNCI_0
001: Measure the duty of HSYNCI_1
010: Measure the duty of CSYNCI_0
011: Measure the duty of CSYNCI_1
100: Measure the duty of HFBACKI
101: Measure the duty of VFBACKI
110: Measure the duty of VSYNCI_0
111: Measure the duty of VSYNCI_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com