Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 444 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 440Page - Renesas Technology Corp H8S/2437 Datasheet HTML 441Page - Renesas Technology Corp H8S/2437 Datasheet HTML 442Page - Renesas Technology Corp H8S/2437 Datasheet HTML 443Page - Renesas Technology Corp H8S/2437 Datasheet HTML 444Page - Renesas Technology Corp H8S/2437 Datasheet HTML 445Page - Renesas Technology Corp H8S/2437 Datasheet HTML 446Page - Renesas Technology Corp H8S/2437 Datasheet HTML 447Page - Renesas Technology Corp H8S/2437 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 746 page
background image
Rev. 1.00, 09/03, page 406 of 704
14.4
Operation
14.4.1
Duty Measurement for External Event Signal
Figure 14.2 shows an example of duty measurement for the external event signal.
1. Select the external event signal whose duty needs to be measured by the IS2 to IS0 bits in
TWCR1.
2. Select the count clock source for TWCNT by the CK2 to CK0 bits in TWCR1.
3. Write 1 to the START bit in TWCR2. At this time, TWCNT is cleared to H
′00.
4. When a rising edge of the external event signal is detected, TWCNT starts counting. Then, if a
falling edge of the external event signal is detected, the TWCNT value is transferred to
TWICR. If the second rising edge of the external event signal is detected, TWCNT stops
counting. At this time, the ENDF flag in TWCR2 is set to 1.
When TWICR and TWCNT values are read and then compared, duty measurement for the
external event signal is accomplished.
Count stop
TWCNT
clear
TWCNT
START signal
External event signal
M
N
XN
H'00
t
TWICR
Duty measurement
end flag
Figure 14.2 Example of Duty Measurement for External Event Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com