Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 440 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 436Page - Renesas Technology Corp H8S/2437 Datasheet HTML 437Page - Renesas Technology Corp H8S/2437 Datasheet HTML 438Page - Renesas Technology Corp H8S/2437 Datasheet HTML 439Page - Renesas Technology Corp H8S/2437 Datasheet HTML 440Page - Renesas Technology Corp H8S/2437 Datasheet HTML 441Page - Renesas Technology Corp H8S/2437 Datasheet HTML 442Page - Renesas Technology Corp H8S/2437 Datasheet HTML 443Page - Renesas Technology Corp H8S/2437 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 746 page
background image
Rev. 1.00, 09/03, page 402 of 704
14.3
Register Descriptions
The duty measurement circuit has the following registers.
• Free-running counter (TWCNT)
• Input capture register (TWICR)
• Duty measurement control register 1 (TWCR1)
• Duty measurement control register 2 (TWCR2)
14.3.1
Free-Running Counter (TWCNT)
TWCNT is an 8-bit readable/writable up-counter. The free-running count operation is performed
by setting the FRC bit in TWCR1 to 1. When the START bit in TWCR2 is set to 1, TWCNT is
cleared and duty measurement is started. For details on duty measurement operation, see section
14.4, Operation. The clock source is selected by bits CKS2 to CKS0 in TWCR1. When TWCNT
overflows from H'FF to H'00, the OVF bit in TWCR2 is set to 1. TWCNT is initialized to H'00.
14.3.2
Input Capture Register (TWICR)
TWICR is an 8-bit read-only register. When the falling edge of the external event signal is
detected during duty measurement, the current TWCNT value is transferred. For details on duty
measurement operation, see section 14.4, Operation. TWICR is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com