Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 460 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 456Page - Renesas Technology Corp H8S/2437 Datasheet HTML 457Page - Renesas Technology Corp H8S/2437 Datasheet HTML 458Page - Renesas Technology Corp H8S/2437 Datasheet HTML 459Page - Renesas Technology Corp H8S/2437 Datasheet HTML 460Page - Renesas Technology Corp H8S/2437 Datasheet HTML 461Page - Renesas Technology Corp H8S/2437 Datasheet HTML 462Page - Renesas Technology Corp H8S/2437 Datasheet HTML 463Page - Renesas Technology Corp H8S/2437 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 746 page
background image
Rev. 1.00, 09/03, page 422 of 704
15.3.3
Internal Reset Signal Generation Timing
When TCNT overflows in watchdog timer mode, the OVF bit in TCSR is set to 1. When the
RST/
NMI bit is set to 1 here, the internal reset signal is generated for the entire LSI. The timing is
shown in figure 15.5.
φ
TCNT
H'FF
H'00
518 states
Overflow signal
(internal signal)
OVF
Internal reset
signal
Figure 15.5 Internal Reset Signal Generation Timing
15.4
Interrupt Sources
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. The OVF flag
must be cleared to 0 in the interrupt handling routine.
When the NMI interrupt request is selected in watchdog timer mode, an NMI interrupt request is
generated by an overflow.
Table 15.1
Interrupt Source
Name
Interrupt Source
Interrupt Flag
WOVI
TCNT overflow
OVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com