Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 462 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 458Page - Renesas Technology Corp H8S/2437 Datasheet HTML 459Page - Renesas Technology Corp H8S/2437 Datasheet HTML 460Page - Renesas Technology Corp H8S/2437 Datasheet HTML 461Page - Renesas Technology Corp H8S/2437 Datasheet HTML 462Page - Renesas Technology Corp H8S/2437 Datasheet HTML 463Page - Renesas Technology Corp H8S/2437 Datasheet HTML 464Page - Renesas Technology Corp H8S/2437 Datasheet HTML 465Page - Renesas Technology Corp H8S/2437 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 746 page
background image
Rev. 1.00, 09/03, page 424 of 704
15.5.2
Conflict between Timer Counter (TCNT) Write and Increment
Even if a timer counter clock pulse is generated during the T
2 state of a TCNT write cycle, the
write takes priority and the timer counter is not incremented. Figure 15.7 shows this operation.
Address
φ
Internal write signal
TCNT input clock
TCNT
NM
T1
T2
TCNT write cycle
Counter write data
Figure 15.7 Conflict between TCNT Write and Increment
15.5.3
Changing Values of CKS2 to CKS0 Bits
If bits CKS2 to CKS0 in TCSR are written to while the WDT is operating, errors could occur in
the incrementation. Software must stop the watchdog timer (by clearing the TME bit to 0) before
changing the values of bits CKS2 to CKS0.
15.5.4
Switching between Watchdog Timer Mode and Interval Timer Mode
If the mode is switched between watchdog timer and interval timer, while the WDT is operating,
errors could occur in the incrementation. Software must stop the watchdog timer (by clearing the
TME bit to 0) before switching the mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com