Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 463 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 459Page - Renesas Technology Corp H8S/2437 Datasheet HTML 460Page - Renesas Technology Corp H8S/2437 Datasheet HTML 461Page - Renesas Technology Corp H8S/2437 Datasheet HTML 462Page - Renesas Technology Corp H8S/2437 Datasheet HTML 463Page - Renesas Technology Corp H8S/2437 Datasheet HTML 464Page - Renesas Technology Corp H8S/2437 Datasheet HTML 465Page - Renesas Technology Corp H8S/2437 Datasheet HTML 466Page - Renesas Technology Corp H8S/2437 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 746 page
background image
SCI0022A_000020020300
Rev. 1.00, 09/03, page 425 of 704
Section 16 Serial Communication Interface (SCI)
This LSI has five independent serial communication interface (SCI) channels. The SCI can handle
both asynchronous and clocked synchronous serial communication. Asynchronous serial data
communication can be carried out with standard asynchronous communication chips such as a
Universal Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication
Interface Adapter (ACIA). A function is also provided for serial communication between
processors (multiprocessor communication function).
16.1
Features
• Choice of asynchronous or clocked synchronous serial communication mode
• Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously. Double-buffering is used in both the transmitter and the receiver,
enabling continuous transmission and continuous reception of serial data.
• On-chip baud rate generator allows any bit rate to be selected
The external clock can be selected as a transfer clock source.
• Choice of LSB-first or MSB-first transfer (except in the case of asynchronous mode 7-bit data)
• Four interrupt sources
Four interrupt sources
 transmit-end, transmit-data-empty, receive-data-full, and receive
error
 that can issue requests.
• Module stop mode availability
Asynchronous Mode:
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors
• Break detection: Break can be detected by reading the RxD pin level directly in case of a
framing error
Clocked Synchronous Mode:
• Data length: 8 bits
• Receive error detection: Overrun errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com