Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 466 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 462Page - Renesas Technology Corp H8S/2437 Datasheet HTML 463Page - Renesas Technology Corp H8S/2437 Datasheet HTML 464Page - Renesas Technology Corp H8S/2437 Datasheet HTML 465Page - Renesas Technology Corp H8S/2437 Datasheet HTML 466Page - Renesas Technology Corp H8S/2437 Datasheet HTML 467Page - Renesas Technology Corp H8S/2437 Datasheet HTML 468Page - Renesas Technology Corp H8S/2437 Datasheet HTML 469Page - Renesas Technology Corp H8S/2437 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 746 page
background image
Rev. 1.00, 09/03, page 428 of 704
16.3
Register Descriptions
The SCI has the following registers for each channel.
• Receive shift register (RSR)
• Receive data register (RDR)
• Transmit data register (TDR)
• Transmit shift register (TSR)
• Serial mode register (SMR)
• Serial control register (SCR)
• Serial status register (SSR)
• Serial interface mode register (SCMR)
• Bit rate register (BRR)
16.3.1
Receive Shift Register (RSR)
RSR is a shift register used to receive serial data that converts it into parallel data. When one
frame of data has been received, it is transferred to RDR automatically. RSR cannot be directly
accessed by the CPU.
16.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores receive data. When the SCI has received one frame of serial
data, it transfers the received serial data from RSR to RDR where it is stored. After this, RSR can
receive the next data. Since RSR and RDR function is a double buffer in this way, continuous
receive operations can be performed. After confirming that the RDRF bit in SSR is set to 1, read
RDR for only once. RDR cannot be written to by the CPU. The initial value of RDR is H'00.
16.3.3
Transmit Data Register (TDR)
TDR is an 8-bit register that stores transmit data. When the SCI detects that TSR is empty, it
transfers the transmit data written in TDR to TSR and starts transmission. The double-buffered
structure of TDR and TSR enables continuous serial transmission. If the next transmit data has
already been written to TDR when one frame of data is transmitted, the SCI transfers the written
data to TSR to continue transmission. Although TDR can be read from or written to by the CPU at
all times, to achieve reliable serial transmission, write transmit data to TDR for only once after
confirming that the TDRE bit in SSR is set to 1. The initial value of TDR is H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com