Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 468 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 464Page - Renesas Technology Corp H8S/2437 Datasheet HTML 465Page - Renesas Technology Corp H8S/2437 Datasheet HTML 466Page - Renesas Technology Corp H8S/2437 Datasheet HTML 467Page - Renesas Technology Corp H8S/2437 Datasheet HTML 468Page - Renesas Technology Corp H8S/2437 Datasheet HTML 469Page - Renesas Technology Corp H8S/2437 Datasheet HTML 470Page - Renesas Technology Corp H8S/2437 Datasheet HTML 471Page - Renesas Technology Corp H8S/2437 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 746 page
background image
Rev. 1.00, 09/03, page 430 of 704
Bit
Bit Name
Initial Value
R/W
Description
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous
mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
In reception, only the first stop bit is checked
regardless of the STOP bit setting. If the second
stop bit is 0, it is treated as the start bit of the next
transmit frame.
2
MP
0
R/W
Multiprocessor Mode (enabled only in
asynchronous mode)
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit
and O/
E bit settings are invalid in multiprocessor
mode.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1, 0
These bits select the clock source for the baud
rate generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relation between the CKS bit settings and
the baud rate, see section 16.3.9, Bit Rate
Register (BRR). n is the decimal display of the
value of n in BRR (see section 16.3.9, Bit Rate
Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com