Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 469 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 465Page - Renesas Technology Corp H8S/2437 Datasheet HTML 466Page - Renesas Technology Corp H8S/2437 Datasheet HTML 467Page - Renesas Technology Corp H8S/2437 Datasheet HTML 468Page - Renesas Technology Corp H8S/2437 Datasheet HTML 469Page - Renesas Technology Corp H8S/2437 Datasheet HTML 470Page - Renesas Technology Corp H8S/2437 Datasheet HTML 471Page - Renesas Technology Corp H8S/2437 Datasheet HTML 472Page - Renesas Technology Corp H8S/2437 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 746 page
background image
Rev. 1.00, 09/03, page 431 of 704
16.3.6
Serial Control Register (SCR)
SCR is a register that performs enabling or disabling of SCI transfer operations and interrupt
requests, and selection of the transfer clock source. For details on interrupt requests, see section
16.7, Interrupt Sources.
Bit
Bit Name
Initial Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1, a TXI interrupt request is
enabled.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt
requests are enabled.
5
TE
0
R/W
Transmit Enable
When this bit is set to 1, transmission is enabled.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only
when the MP bit in SMR is 1 in asynchronous
mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of
the RDRF, FER, and ORER status flags in SSR is
disabled. On receiving data in which the
multiprocessor bit is 1, this bit is automatically
cleared and normal reception is resumed. For
details, see section 16.5, Multiprocessor
Communication Function.
2
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, a TEI interrupt request is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com